PART |
Description |
Maker |
EL2160CS-T7 EL2160 EL2160CM EL2160CM-T13 EL2160CN |
180MHz Current Feedback Amplifier VIDEO AMPLIFIER, PDIP8 180MHz Current Feedback Amplifier VIDEO AMPLIFIER, PDSO8 Op Amp, 180MHz, Current Feedback, SR=1500V/s, 75Cable Driver, Dual or Single Supply (33V)
|
Intersil, Corp. Intersil Corporation
|
LT1210CR LT1210CS LT1210CT7 |
1.1A/ 35MHz Current Feedback Amplifier 1.1A, 35MHz Current Feedback Amplifier 9-Bit Bus Transceivers With 3-State Outputs 24-PDIP 0 to 70
|
Linear Technology Corporation
|
AD846AN AD846AQ AD846AR-16 AD846AR-16-REEL AD846BN |
450 V/us, Precision, Current-Feedback Op Amp 450 V/us/ Precision/ Current-Feedback Op Amp 450 V/us, Precision, Current-Feedback Op Amp OP-AMP, 350 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 450 V/us, Precision, Current-Feedback Op Amp OP-AMP, 125 uV OFFSET-MAX, CDIP8
|
AD[Analog Devices] Analog Devices, Inc.
|
EL2460 EL2260CN EL2260CS EL2460CS EL2460CN EL2260 |
1GHz, 4x1 Multiplexing Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Dual/Quad 130MHz Current Feedback Amplifiers Op Amp, Dual 130MHz, Current Feedback, 75?Cable Driver, Dual or Single Supply (33V) Op Amp, Quad 130MHz, Current Feedback, 75Cable Driver, Dual or Single Supply (33V)
|
INTERSIL[Intersil Corporation]
|
EL5364 EL5364IS EL5364IS-T13 EL5364IS-T7 EL5364IU |
600MHz Current Feedback Amplifiers with Enable 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 600MHz Current Feedback Amplifiers with Enable 600MHz的电流反馈放大器,启 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX4182 MAX4180-MAX4187 MAX4180 MAX4181 MAX4183 MA |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown From old datasheet system " Dual, 270MHz, 1mA, SOT23, Current-Feedback Amplifier (Av=2)"
|
MAXIM - Dallas Semiconductor
|
EL5193ACS EL5193ACS-T13 EL5193ACS-T7 EL5193ACW-T7 |
Op Amp, 300MHz, Current Feedback Amplifier, Low Power Op Amp, 300MHz, Current Feedback Amplifier, with Enable, Low Power Single 300MHz Current Feedback Amplifier with Enable Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:55; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No
|
INTERSIL[Intersil Corporation]
|
HS-1135RH 5962F9676701VPC HS7-1135RH/PROTO HS7-113 |
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting Radiation Hardened/ High Speed/ Low Power Current Feedback Amplifier with Programmable Output Limiting Operational Amplifier CONNECTOR ACCESSORY 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Op Amp, High Speed, Current Feedback, 360MHz, Slew Rate 1200V/s, Rad-Hard
|
Intersil Corporation Intersil, Corp.
|
MAX14523A11 MAX14523BATV MAX14523AATA MAX14523ALAT |
250mA to 1.5A, Adjustable Current-Limit Switches
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX4794ETT MAX4794EUS MAX4792ETT MAX4792EUS MAX479 |
200mA/250mA/300mA Current-Limit Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX4794 |
(MAX4789 - MAX4794) 200mA/250mA/300mA Current-Limit Switches
|
Maxim Integrated Products
|